PART |
Description |
Maker |
MX27C8000A MX27C8000AMC-10 MX27C8000AMC-12 MX27C80 |
8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 90 ns, PQCC32 JT 21C 21#16 SKT RECP 1M X 8 OTPROM, 90 ns, PDSO32 Single Output LDO, 100mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 1M X 8 OTPROM, 120 ns, PDSO32 8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 120 ns, PQCC32 8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 100 ns, PQCC32 8M-BIT [1M x8] CMOS EPROM 1M X 8 OTPROM, 90 ns, PDIP32
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
PIC16C622-04I/JW PIC16LC622-04I/JW PIC16C622-20E/J |
EPROM-Based 8-Bit CMOS Microcontroller
|
Microchip
|
PIC16C54-RC_SS |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip Technology
|
PIC16LV5X |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
Microchip
|
16C57 PIC16LV54A-02I_SO PIC16C52 PICB16C52 PICB16C |
From old datasheet system IC-SM-8-BITMCU
IC-MCU-8BIT(TUBEDQTY)
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
|
N.A. MICROCHIP[Microchip Technology]
|
PIC16HV540-20I_JW PIC16HV540-20I_P PIC16HV540-20I_ |
Enhanced PIC16C54 EPROM-Based 8-Bit CMOS Microcontroller With On-Chip Voltage Regulator MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|18PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS |专科| 18PIN |塑料
|
Microchip Technology, Inc.
|
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
MDT10P73 |
This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
|
List of Unclassifed Manufacturers
|
C167CR-16F SAFC167CR-16F SAF-C167CR-16F |
16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM 16位CMOS单芯片微控制器,带有128K字节的Flash EPROM
|
Siemens Semiconductor Group SIEMENS AG
|
VG509A |
EPROM-Based 8-bit micro-controller
|
List of Unclassifed Manufacturers ETC[ETC]
|
CP8056H CP8056P CP8056TS CP8056S CP8056SS |
EPROM/ROM-Based 8-Bit Microcontroller Series
|
List of Unclassifed Manufacturers
|